PART |
Description |
Maker |
BCX54-10 BCX54-16 BCX55-10 BCX55-16 BCX54 BCX56-16 |
Cartridge Fuse; Current Rating:250mA; Voltage Rating:250V; Fuse Type:Time Delay; Fuse Size/Group:5 x 15 mm; Body Material:Glass; Diameter:4.5mm; Fuse Terminals:Ferrule; Leaded Process Compatible:Yes; Length:14.48mm; Series:229P 晶体管的SOT - 89 NPN medium power transistors
|
PHILIPS[Philips Semiconductors] NXP Semiconductors
|
BC859C BC860B BC860C BC859 BC859_860_4 BC860 BC859 |
High Speed CMOS Logic 14-Stage Binary Counter with Oscillator 16-SOIC -55 to 125 From old datasheet system PNP general purpose transistors Leaded Cartridge Fuse; Current Rating:500mA; Voltage Rating:125V; Fuse Terminals:Radial Lead; Fuse Type:Fast Acting; Voltage Rating:125V; Body Material:Plastic Cap; Diameter:6.35mm; Leaded Process Compatible:Yes; Length:8.89mm RoHS Compliant: Yes FUSE, SLO-BLO, .25A,250V,5X20MM TRANSISTOR SOT-323
|
NXP Semiconductors Philips Semiconductors
|
Z85C30-10BUA Z85C30-10DC Z85C30-10BQA AM85C30-8/BQ |
16MHZ, MLF, IND TEMP, GREEN(MCU AVR) 16MHZ, PDIP, IND TEMP, GREEN(MCU AVR) 16MHZ, MLF, IND TEMP, 5V(MCU AVR) 16MHZ, MLF, IND TEMP, GREEN, 5V(MCU AVR) 16MHZ, MLF, IND TEMP(MCU AVR) 16MHZ, TQFP, IND TEMP, GREEN, 5V(MCU AVR) Cartridge Fuse; Current Rating:2A; Voltage Rating:250V; Fuse Type:Fast Acting; Fuse Size/Group:5 x 15 mm; Body Material:Glass; Diameter:4.5mm; Fuse Terminals:Ferrule; Leaded Process Compatible:Yes; Length:14.48mm; Series:225 RoHS Compliant: Yes ATMEGA644V-10PU & AT86RF230-ZU(AVRZLINK) Communications Controller 通信控制 Cartridge Fuse; Current Rating:1A; Voltage Rating:250V; Fuse Type:Time Delay; Fuse Size/Group:5 x 15 mm; Body Material:Glass; Diameter:4.5mm; Fuse Terminals:Ferrule; Leaded Process Compatible:Yes; Length:14.48mm; Series:229 通信控制 Cartridge Fuse; Current Rating:1A; Voltage Rating:250V; Fuse Type:Fast Acting; Fuse Size/Group:5 x 15 mm; Body Material:Glass; Diameter:4.5mm; Fuse Terminals:Ferrule; Leaded Process Compatible:Yes; Length:14.48mm; Series:225 通信控制 16MHZ, TQFP, IND TEMP, 5V(MCU AVR) 通信控制 16MHZ, TQFP, IND TEMP, GREEN(MCU AVR) 通信控制
|
Advanced Micro Devices, Inc. Amphenol, Corp. Electronic Theatre Controls, Inc.
|
FNQ-4 |
Cartridge Fuse; Current Rating:4A; Voltage Rating:500V; Fuse Type:Time Delay; Fuse Size/Group:13/32 x 1-1/2 "; Body Material:Fiber; Diameter:0.406mm; Fuse Terminals:Ferrule; Length:38.1mm; Series:FNQ RoHS Compliant: Yes
|
COOPER INDUSTRIES
|
STK13C68-C25 STK13C68-5S25 STK13C68-5S45 STK13C68- |
FUSE 5A SLO-BLO PICO SCR Thyristor; SCR Type:Sensitive Gate; Peak Repetitive Off-State Voltage, Vdrm:200V; On-State RMS Current, IT(rms):4A; Peak Non Repetitive Surge Current, Itsm:30A; Gate Trigger Current Max, Igt:200uA SCR Thyristor; SCR Type:Sensitive Gate; Peak Repetitive Off-State Voltage, Vdrm:200V; On-State RMS Current, IT(rms):4A; Peak Non Repetitive Surge Current, Itsm:30A; Gate Trigger Current Max, Igt:50uA PC Board Fuse; Current Rating:250mA; Voltage Rating:125V; Fuse Terminals:SMT Caps; Body Material:Ceramic; Fuse Size/Group:6.10 x 2.69 x 2.69mm; Fuse Type:Very Fast Acting; Leaded Process Compatible:No PC Board Fuse; Current Rating:500mA; Voltage Rating:125V; Fuse Terminals:SMT Caps; Body Material:Ceramic; Fuse Size/Group:6.10 x 2.69 x 2.69mm; Fuse Type:Very Fast Acting; Leaded Process Compatible:No PC Board Fuse; Current Rating:500mA; Voltage Rating:125V; Fuse Terminals:SMT Caps; Body Material:Ceramic; Fuse Size/Group:6.10 x 2.69 x 2.69mm; Fuse Type:Time Delay; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No PC Board Fuse; Current Rating:375mA; Voltage Rating:125V; Fuse Terminals:SMT Caps; Body Material:Ceramic; Fuse Size/Group:6.10 x 2.69 x 2.69mm; Fuse Type:Time Delay; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No Cartridge Fuse; Current Rating:0.062A; Voltage Rating:125V; Fuse Type:Very Fast Acting; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No; Voltage Rating:125V RoHS Compliant: No NVRAM (EEPROM Based) NVRAM中(EEPROM的基础
|
Microchip Technology, Inc. Electronic Theatre Controls, Inc.
|
Z80C30-10CME Z85C3008CME Z85C3008/CMB Z85C3010CMB |
FUSEHOLDR 2AG PNL MNT SOLDER QC Cartridge Fuse; Current Rating:80mA; Voltage Rating:250V; Fuse Type:Time Delay; Fuse Size/Group:5 x 20 mm; Body Material:Glass; Diameter:5mm; Fuse Terminals:Ferrule; Length:20mm; Series:218XE 通信控制 Communications Controller 通信控制
|
ZiLOG, Inc.
|
120-262 120-263 120-266 120-268 120-265 120-267 12 |
"CARTRIDGE HEATER 1/2"" 200W Low-Power, Single-/Dual-Level Battery Monitors with Hysteresis and Integrated µP Reset "CARTRIDGE HEATER 1/2"" 500W "CARTRIDGE HEATER 1/2"" 630W "CARTRIDGE HEATER 1/2"" 250W "CARTRIDGE HEATER 1/2"" 100W "CARTRIDGE HEATER 5/8"" 400W "CARTRIDGE HEATER 5/8"" 500W "CARTRIDGE HEATER 5/8"" 350W "CARTRIDGE HEATER 1/4"" 100W "CARTRIDGE HEATER 5/8"" 250W "CARTRIDGE HEATER 5/16"" 280W "CARTRIDGE HEATER 5/16"" 315W "CARTRIDGE HEATER 5/8"" 280W "CARTRIDGE HEATER 3/8"" 315W "CARTRIDGE HEATER 3/8"" 220W "CARTRIDGE HEATER 3/8"" 500W "CARTRIDGE HEATER 3/8"" 400W "CARTRIDGE HEATER 3/8"" 350W "CARTRIDGE HEATER 3/8"" 160W "CARTRIDGE HEATER 1/4"" 125W "CARTRIDGE HEATER 3/8"" 200W "CARTRIDGE HEATER 5/8"" 800W "CARTRIDGE HEATER 5/16"" 250W "CARTRIDGE HEATER 3/8"" 100W "CARTRIDGE HEATER 5/16"" 160W "CARTRIDGE HEATER 3/8"" 250W "CARTRIDGE HEATER 1/4"" 220W "CARTRIDGE HEATER 3/8"" 560W "CARTRIDGE HEATER 1/4"" 250W “枪弹加 / 4”50W的 "CARTRIDGE HEATER 1/2"" 315W “枪弹取暖器1 / 2”15W "CARTRIDGE HEATER 5/8"" 630W “枪弹加 / 8”30W调
|
Microsemi, Corp. 3M Company
|
0995020 0995040 0995025 0995030 0995050 0995060 |
JCASE? Cartridge Fuse Rated 58V JCASE㈢ Cartridge Fuse Rated 58V
|
Littelfuse
|
FLQ8_10 FLQ FLQ1_10 FLQ1_2 FLQ1_4 FLQ1_8 FLQ10 FLQ |
SLOW BLOW ELECTRIC FUSE, 1.5A, 500VAC, 10000A (IR), INLINE/HOLDER Axial Lead and Cartridge Fuses - Midget TNPW, 0603, 23.2 kOhm, 0.1%, 25 ppm Multiconductor Cable; Number of Conductors:2; Conductor Size AWG:16; No. Strands x Strand Size:19 x 29; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes; Capacitance:33pF/ft; Conductor Material:Copper RoHS Compliant: Yes COMPUTER ACCESSORY CONNECTOR ACCESSORY SLOW BLOW ELECTRIC FUSE, 10A, 500VAC, 10000A (IR), INLINE/HOLDER SLOW BLOW ELECTRIC FUSE, 7A, 500VAC, 10000A (IR), INLINE/HOLDER SLOW BLOW ELECTRIC FUSE, 3.2A, 500VAC, 10000A (IR), INLINE/HOLDER
|
LITTELFUSE[Littelfuse] Littelfuse, Inc.
|
215025 215.500XE 0215002.H- 215002.XE 0215002.H-ND |
5 x 20 mm Time Lag Fuse (Slo-Blo Fuse) Axial Lead and Cartridge Fuses - Designed to IEC Standard Axial Lead and Cartridge Fuses - Designed to IEC Standard
|
Littelfuse, Inc.
|
10230 10302 10304 10306 11302 11304 10202 10205 10 |
Fuse carriers, Domestic cartridge fuses
|
List of Unclassifed Manufacturers List of Unclassifed Man...
|
235001 |
Fuse 1A 250V AXIAL LEAD AND CARTRIDGE BULK
|
Littelfuse, Inc.
|